Part Number Hot Search : 
2SK33 25TTS 00727 55C20 25TTS PESD5 25TTS ISL45041
Product Description
Full Text Search
 

To Download 2SD2599 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD2599
DESCRIPTION *With TO-3P(H)IS package *High voltage;high speed *Low saturation voltage *Bult-in damper diode APPLICATIONS *Horizontal deflection output for color TV
PINNING PIN 1 2 3 Base Collector Emitter Fig.1 simplified outline (TO-3P(H)IS) and symbol DESCRIPTION
Absolute maximum ratings(Ta=25 )
SYMBOL VCBO VCEO VEBO IC ICM IB PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-peak Base current Total power dissipation Junction temperature Storage temperature TC=25 CONDITIONS Open emitter Open base Open collector VALUE 1500 600 5 3.5 7 1 40 150 -55~150 UNIT V V V A A A W
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD2599
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Emitter-base breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain Diode forward voltage Collector output capacitance Transition frequency CONDITIONS IC=300mA ;IB=0 IC=3A; IB=0.8A IC=3A; IB=0.8A VCB=1500V; IE=0 VEB=5V; IC=0 IC=0.5A ; VCE=5V IF=3.5A IE=0 ; VCB=10V,f=1MHz IC=0.1A ; VCE=10V 66 8 1.5 55 3 MIN 5 5 0.9 8 1.5 1 200 25 2.0 V pF MHz TYP. MAX UNIT V V V mA mA
SYMBOL V(BR)EBO VCEsat VBEsat ICBO IEBO hFE VF Cob fT
Switching times : ts tf Storage time Fall time 7.5 0.5 10 1.0 s s
ICP=3A;IB1=0.8A fH =15.75kHz
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SD2599
Fig.2 Outline dimensions (unindicated tolerance:0.20 mm)
3
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD2599
4


▲Up To Search▲   

 
Price & Availability of 2SD2599

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X